PART |
Description |
Maker |
ADP1148-3.3 ADP1148-5 ADP1148AN-3.3 ADP1148AR-3.3 |
InputV: 0.3-20V; 50mA; high efficiency synchronous step-down switching regulator. For notebook and palmtop computers, portable instrumnets, battery operated digital devices 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C High Efficiency Synchronous Step-Down Switching Regulators(高效率同步步降开关稳压器)
|
Analog Devices, Inc.
|
MV5437 |
3 LEADS BICOLOR T-1 3/4 SOLID STATE LAMPS T-1 3/4 DUAL COLOR LED, HIGH EFFICIENCY GREEN/HIGH EFFICIENCY RED, 5 mm
|
QT[QT Optoelectronics]
|
LTC1929CG LTC1929IG LTC1929 LTC1929-PG |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 2-Phase, High Efficiency,Synchronous Step-Down Switching Regulators 2-Phase, High Efficiency,Synchronous Step-DownSwitching Regulators
|
Linear Technology Corporation
|
RSBL-9S RSB-12 RSB-12-S RSB-24 RSB-24-S RSB-48 RSB |
ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% 2 Pole relay suitable for signal circuits
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers http://
|
A29040B-70 A29040BL-55 A29040BL-55UF A29040BL-90 A |
ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% 512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
|
AMIC Technology Corporation http://
|
MAX640C/D MAX653C/D MAX653EPA MAX653ESA MAX653 MAX |
5V/3.3V/3V Adjustable, High-Efficiency, Low-IQ, Step-Down DC-DC Converters 700-mW Mono, Differential Input, Class-AB Audio Amplifier with Active Low Shutdown 8-SOIC -40 to 85 5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters 5V/3.3V/3V/可调、高效率、低IQ、降压型DC-DC转换 8-Bit Shift Register 24-SOIC -40 to 125 1 A SWITCHING REGULATOR, PDIP8 5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters 1 A SWITCHING REGULATOR, PDSO8
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
LTC1147 LTC1147-3.3 LTC1147-5 LTC1147C LTC1147CN8- |
OCTAL BUS TRANSCEIVER O.C. 20-SOIC 0 to 70 SWITCHING CONTROLLER, 400 kHz SWITCHING FREQ-MAX, PDSO8 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS From old datasheet system High Efficiency Step-Down Switching Regulator Controllers
|
Linear Technology, Corp. 稳压 Linear Technology Corporation
|
TPCA8014-H TPCA8014-H06 |
High-Efficiency DC拢炉DC Converter Applications High-Efficiency DC/DC Converter Applications 30 A, 40 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Toshiba Semiconductor
|
21PCT120T4-YG/G 21PCT120T4-G-LC/G-LC 21PCT120T4-RG |
DUAL COLOR LED ARRAY, YELLOW-HIGH EFFICIENCY GREEN/HIGH EFFICIENCY GREEN 4 PIN SINGLE COLOR LED ARRAY, HIGH EFFICIENCY GREEN DUAL COLOR LED ARRAY, HIGH EFFICIENCY RED/HIGH EFFICIENCY GREEN 4 PIN DUAL COLOR LED ARRAY, HIGH EFFICIENCY RED AND GREEN/HIGH EFFICIENCY RED 4 PIN DUAL COLOR LED ARRAY, HIGH EFFICIENCY RED AND GREEN/YELLOW-HIGH EFFICIENCY GREEN 4 PIN DUAL COLOR LED ARRAY, HIGH EFFICIENCY RED-HIGH EFFICIENCY GREEN/YELLOW 4 PIN
|
LEDtronics, Inc.
|
UF1A-UF1M HS1A-HS1M UF1J |
SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS Glass High Efficiency Rectifiers Glass Ultrafast Recovery Rectifiers
|
HY ELECTRONIC CORP.
|